Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5533
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5533 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Electrical Characteristics
Freescale Semiconductor
34
3.13.4
External Bus Interface (EBI) Timing
Table 22 lists the timing information for the external bus interface (EBI).
Table 22. External Bus Operation Timing1, 2
Spec
Characteristic
and
Description
Symbol
External Bus Frequency 3
Unit
Notes
20 MHz
33 MHz
40 MHz
Min.
Max
Min.
Max
Min.
Max
1
CLKOUT period
TC
24.4
—17.5—
14.9
—ns
Signals are measured at
50% VDDE.
2
CLKOUT duty cycle
tCDC
45%
55%
45%
55%
45%
55%
TC
3
CLKOUT rise time
tCRT
—
—4
——
—
—4
ns
4
CLKOUT fall time
tCFT
—
—4
——4
—
—4
ns
5 5
CLKOUT positive edge to
output signal invalid or
Hi-Z (hold time)
External bus interface
CS[0:3]
ADDR[8:31]
DATA[0:15]
RD_WR
BDIP
WE/BE[0:1]
OE
TS
TA
tCOH
1.06
1.5
—
1.06
1.5
—
1.06
1.5
—ns
EBTS = 0
EBTS = 1
Hold time selectable via
SIU_ECCR
[EBTS] bit.
6 5
CLKOUT positive edge to
output signal valid
(output delay)
External bus interface
CS[0:3]
ADDR[8:31]
DATA[0:15]
RD_WR
BDIP
WE/BE[0:1]
OE
TS
TA
tCOV
—
10.06
11.0
—
10.06
11.0
—
10.06
11.0
ns
EBTS = 0
EBTS = 1
Output valid time
selectable via
SIU_ECCR
[EBTS] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com