Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5533
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5533 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
37
3.13.7
DSPI Timing
Table 25. DSPI Timing 1, 2
1 All DSPI timing specifications use the fastest slew rate (SRC = 0b11) on pad type M or MH. DSPI signals using pad types of
S or SH have an additional delay based on the slew rate. DSPI timing is specified at VDDEH = 3.0–5.25 V, TA = TL to TH, and
CL = 50 pF with SRC = 0b11.
2
Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including frequency modulation (FM).
42 MHz parts allow for 40 MHz system clock + 2% FM; 68 MHz parts allow for a 66 MHz system clock + 2% FM, and
82 MHz parts allow for 80 MHz system clock + 2% FM.
Spec
Characteristic
Symbol
40 MHz
66 MHz
80 MHz
Unit
Min.
Max
Min.
Max
Min.
Max
1
SCK cycle time 3, 4
3 The minimum SCK cycle time restricts the baud rate selection for the given system clock rate.
These numbers are calculated based on two MPC55xx devices communicating over a DSPI link.
4 The actual minimum SCK cycle time is limited by pad performance.
tSCK
48.8 ns
5.8 ms
28.4 ns
3.5 ms
24.4 ns
2.9 ms
—
2
PCS to SCK delay5
5 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK].
tCSC
46
—26
—
22
—ns
3
After SCK delay6
6 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC].
tASC
45
—25
—
21
—ns
4
SCK duty cycle
tSDC
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
(tSCK ÷ 2)
– 2 ns
(tSCK ÷ 2)
+ 2 ns
ns
5
Slave access time
(SS active to SOUT driven)
tA
—
25
—
25
—
25
ns
6
Slave SOUT disable time
(SS inactive to SOUT Hi-Z, or
invalid)
tDIS
—
25
—
25
—
25
ns
7PCSx to PCSS time
tPCSC
4
—4
—
4
—ns
8PCSS to PCSx time
tPASC
5
—5
—
5
—ns
9
Data setup time for inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
7 This number is calculated using the SMPL_PT field in DSPI_MCR set to 0b10.
tSUI
20
2
–4
20
—
—
—
—
20
2
6
20
—
—
—
—
20
2
8
20
—
—
—
—
ns
ns
ns
ns
10
Data hold time for inputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)7
Master (MTFE = 1, CPHA = 1)
tHI
–4
7
45
–4
—
—
—
—
–4
7
25
–4
—
—
—
—
–4
7
21
–4
—
—
—
—
ns
ns
ns
ns
11
Data valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tSUO
—
—
—
—
5
25
45
5
—
—
—
—
5
25
25
5
—
—
—
—
5
25
21
5
ns
ns
ns
ns
12
Data hold time for outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tHO
–5
5.5
8
–5
—
—
—
—
–5
5.5
4
–5
—
—
—
—
–5
5.5
3
–5
—
—
—
—
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com