Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5533
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5533 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5533 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
13
3.8
DC Electrical Specifications
Table 9. DC Electrical Specifications (TA = TL – TH)
Spec
Characteristic
Symbol
Min
Max.
Unit
1
Core supply voltage (average DC RMS voltage)
VDD
1.35
1.65
V
2
Input/output supply voltage (fast input/output) 1
VDDE
1.62
3.6
V
3
Input/output supply voltage (slow and medium input/output)
VDDEH
3.0
5.25
V
4
3.3 V input/output buffer voltage
VDD33
3.0
3.6
V
5
Voltage regulator control input voltage
VRC33
3.0
3.6
V
6
Analog supply voltage 2
VDDA
4.5
5.25
V
8
Flash programming voltage 3
VPP
4.5
5.25
V
9
Flash read voltage
VFLASH
3.0
3.6
V
10
SRAM standby voltage 4
VSTBY
0.8
1.2
V
11
Clock synthesizer operating voltage
VDDSYN
3.0
3.6
V
12
Fast I/O input high voltage
VIH_F
0.65
× V
DDE
VDDE + 0.3
V
13
Fast I/O input low voltage
VIL_F
VSS – 0.3
0.35
× V
DDE
V
14
Medium and slow I/O input high voltage
VIH_S
0.65
× V
DDEH
VDDEH + 0.3
V
15
Medium and slow I/O input low voltage
VIL_S
VSS – 0.3
0.35
× V
DDEH
V
16
Fast input hysteresis
VHYS_F
0.1
× V
DDE
V
17
Medium and slow I/O input hysteresis
VHYS_S
0.1
× V
DDEH
V
18
Analog input voltage
VINDC
VSSA – 0.3
VDDA + 0.3
V
19
Fast output high voltage ( IOH_F = –2.0 mA )
VOH_F
0.8
× V
DDE
—V
20
Slow and medium output high voltage
IOH_S = –2.0 mA
IOH_S = –1.0 mA
VOH_S
0.80
× V
DDEH
0.85
× V
DDEH
—V
21
Fast output low voltage ( IOL_F = 2.0 mA )
VOL_F
—0.2
× V
DDE
V
22
Slow and medium output low voltage
IOL_S = 2.0 mA
IOL_S = 1.0 mA
VOL_S
—
0.20
× V
DDEH
0.15
× V
DDEH
V
23
Load capacitance (fast I/O) 5
DSC (SIU_PCR[8:9] ) = 0b00
= 0b01
= 0b10
= 0b11
CL
—
—
—
—
10
20
30
50
pF
pF
pF
pF
24
Input capacitance (digital pins)
CIN
—7
pF
25
Input capacitance (analog pins)
CIN_A
—10
pF
26
Input capacitance:
(Shared digital and analog pins AN[12]_MA[0]_SDS,
AN[13]_MA[1]_SDO, AN[14]_MA[2]_SDI, and AN[15]_FCK)
CIN_M
—12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com