Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1001 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSA1001
Description  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSA1001 Datasheet HTML 6Page - STMicroelectronics TSA1001 Datasheet HTML 7Page - STMicroelectronics TSA1001 Datasheet HTML 8Page - STMicroelectronics TSA1001 Datasheet HTML 9Page - STMicroelectronics TSA1001 Datasheet HTML 10Page - STMicroelectronics TSA1001 Datasheet HTML 11Page - STMicroelectronics TSA1001 Datasheet HTML 12Page - STMicroelectronics TSA1001 Datasheet HTML 13Page - STMicroelectronics TSA1001 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSA1001
10/19
Static parameter: Integral Non Linearity
Fs=25MSPS; Fin=1MHz; Icca=11mA; N=131072pts
Static parameter: Differential Non Linearity
Fs=25MSPS; Fin=1MHz; Icca=11mA; N=131072 pts
Linearity vs. AVcc
Fs=25MSPS; Icca=11mA; Fin=1MHz
Distortion vs. AVcc
Fs=25MSPS; Icca=11mA; Fin=1MHz
-0 .5
-0 .4
-0 .3
-0 .2
-0 .1
0
0.1
0.2
0.3
0.4
0
200
400
600
800
1000
O u t p u t C ode
-0 .3
-0 .2
-0 .1
0
0.1
0.2
0.3
0
2 0 0
400
600
8 0 0
1 000
O u t put C o de
58
58.5
59
59.5
60
60.5
61
2.25
2.35
2.45
2.55
2.65
AVCC (V)
9.6
9.65
9.7
9.75
9.8
9.85
9.9
9.95
10
SINAD
ENOB
SNR
-85
-83
-81
-79
-77
-75
-73
-71
-69
-67
2.25
2.35
2.45
2.55
2.65
AVCC (V)
SFDR
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com