Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSA1001
Description  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSA1001 Datasheet HTML 11Page - STMicroelectronics TSA1001 Datasheet HTML 12Page - STMicroelectronics TSA1001 Datasheet HTML 13Page - STMicroelectronics TSA1001 Datasheet HTML 14Page - STMicroelectronics TSA1001 Datasheet HTML 15Page - STMicroelectronics TSA1001 Datasheet HTML 16Page - STMicroelectronics TSA1001 Datasheet HTML 17Page - STMicroelectronics TSA1001 Datasheet HTML 18Page - STMicroelectronics TSA1001 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
TSA1001
18/19
Figure 11 : Printed circuit board - Top side silkscreen
Printed circuit board - List of components
P a rt
D e s i gn F o o t p r i nt
P a r t
D e s i gn F o o t pr i n t
P a r t
D e s i gn F o o t p r i nt
P a r t
D e s i gn
F o o t pr i n t
Ty p e
at o r
Typ e
at o r
Ty p e
at o r
Typ e
at o r
10 u F
C 2 4
12 10
330 p F
C 3 3
6 03
47 0nF
C 7
8 05
A V C C
J12
F I C H E 2M M
10 u F
C 2 3
12 10
330 p F
C 2 0
6 03
47 0nF
C 16
8 0 5
C L J / S M B
J4
S M B / H
10 u F
C 4 1
12 10
3 3 0 p F
C8
6 0 3
4 7 0 n F
C19
8 0 5
AG ND
J 19
F I CHE 2 M M
10 u F
C 2 9
12 10
3 3 0 p F
C2
6 0 3
4 7 0 n F
C3
8 0 5
D F S B
J 9
F I CHE 2 M M
10 0p F
C 1
6 03
330 p F
C 5
6 0 3
47 K
Ω
R12
6 0 3
DG ND
J 2 0
F I CHE 2 M M
10 n F
C 12
6 0 3
330 p F
C 11
6 03
47 K
Ω
R14
6 0 3
DV CC
J 15
F I CHE 2 M M
10 n F
C 3 9
6 0 3
330 p F
C 3 0
6 03
47 K
Ω
R11
6 0 3
G n d B 1
J 2 2
F I CHE 2 M M
10 n F
C 15
6 0 3
330 p F
C 17
6 03
47 K
Ω
Ra j 1
V R 5
G n d B 2
J 2 1
F I CHE 2 M M
10 n F
C 4 0
6 0 3
330 p F
C 14
6 03
47 K
Ω
R 10
6 03
M e s co m m o de J8
F I C H E 2M M
10 n F
C 2 7
6 0 3
47uF
C 36
C A P
47 K
Ω
R19
6 0 3
O E B
J 10
F I CHE 2 M M
10 n F
C 4
6 0 3
47uF
C 34
C A P
47 K
Ω
R13
6 0 3
R e g l c o m mo d e J7
F I C H E 2M M
10 n F
C 2 1
6 0 3
47uF
C 35
C A P
47 K
Ω
R 15
6 0 3
T2 - A T1- 1W T
T2
A D T
10 n F
C 3 1
6 0 3
47uF
C 42
C A P
47 K
Ω
R 16
6 0 3
T2 - A T1- 1W T
T1
A D T
10 n F
C 6
6 0 3
470 n F
C 2 2
8 05
47 K
Ω
R17
6 0 3
V c c B 1
J 18
F I CHE 2 M M
10 n F
C 9
6 0 3
470 n F
C 3 2
8 05
47 K
Ω
R18
6 0 3
V DDB U F F 3 V
J 17
F I CHE 2 M M
10 n F
C 18
6 0 3
470 n F
C 3 7
8 05
50
Ω
R3
6 0 3
V i n
J 1
S M B/ H
1K
Ω
R2
6 0 3
470 n F
C 3 8
8 05
50
Ω
R1
6 0 3
V r e f M
J 5
F I CHE 2 M M
3 2 P I N
J 6
I DC3 2
470 n F
C 13
8 05
74 L C X 5 73 U 3
T S S O P 2 0
V r e f P
J2
F I C H E 2M M
3 30pF
C 25
6 0 3
470 n F
C 2 8
8 05
74 L C X 5 73 U2
T S S O P 2 0
T S A 10 0 1
U1
T Q F P 4 8
3 30pF
C 26
6 0 3
470 n F
C 10
8 05
C O N 2
J16
S I P 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com