Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1001 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1001
Description  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1001 Datasheet HTML 10Page - STMicroelectronics TSA1001 Datasheet HTML 11Page - STMicroelectronics TSA1001 Datasheet HTML 12Page - STMicroelectronics TSA1001 Datasheet HTML 13Page - STMicroelectronics TSA1001 Datasheet HTML 14Page - STMicroelectronics TSA1001 Datasheet HTML 15Page - STMicroelectronics TSA1001 Datasheet HTML 16Page - STMicroelectronics TSA1001 Datasheet HTML 17Page - STMicroelectronics TSA1001 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TSA1001
14/19
(VOL) when the data stay within the range, or in
high level state (VOH) when the data is out of the
range.
Data Ready (DR)
The Data Ready output is an image of the clock
being synchronized on the output data (D0 to D9).
This is a very helpful signal that simplifies the syn-
chronization of the measurement equipment or
the controlling DSP.
As digital output, DR goes in high impedance state
when OEB is asserted to High level as described
in the timing diagram.
DRIVING THE ANALOG INPUT
Differential inputs
The TSA1001 has been designed to obtain opti-
mum performances when being differentially driv-
en. An RF transformer is a good way to achieve
such performances.
Figure 5 describes the schematics. The input sig-
nal is fed to the primary of the transformer, while
the secondary drives both ADC inputs. The com-
mon mode voltage of the ADC (INCM) is connect-
ed to the center-tap of the secondary of the trans-
former in order to bias the input signal around this
common voltage, internally set to 0.56V. The
INCM is decoupled to maintain a low noise level
on this node. Our evaluation board is mounted
with a 1:1 ADT1-1 transformer from Minicircuits.
You might also use a higher impedance ratio (1:2
or 1:4) to reduce the driving requirement on the
analog signal source.
Each analog input can drive a 1Vpp amplitude in-
put signal, so the resultant differential amplitude is
2Vpp.
Figure 5 : Differential input configuration
Single-ended input configuration
Some applications may require a single-ended in-
put which is easily achieved with the configuration
reported on Figure 6.
In this case, it is recommended to use an
AC-coupled analog input and connect the other
analog input to the common mode voltage of the
circuit (INCM) so as to properly bias the ADC. The
INCM may remain at the same internal level
(0.56V) thus driving only a 1Vpp input amplitude,
or it must be increased to 0.9V to drive a 2Vpp
input amplitude. You will get higher performances
using a 2Vpp signal.
Figure 6 : Single-ended input configuration
Dynamic characteristics, while not being as re-
markable as for differential configuration, are still
of very good quality. Measurements done at
25Msps, 1MHz input frequency, -1dBFS input lev-
el sum up these performances. An SFDR of
-69.5dBc, an SNR of 59.5dB and an ENOB Full
Scale of 9.7bits are achieved.
REFERENCE CONNECTION
Internal reference
In the standard configuration, the ADC is biased
with the internal reference voltage. VREFM pin is
connected to Analog Ground while VREFP is
internally set to a voltage of 1.03V. It is
recommended to decouple the VREFP in order to
minimize low and high frequency noise. Refer to
Figure 7 for the schematics.
Figure 7 : Internal reference setting
TSA1001
VIN
VINB
INCM
50
Ω
100pF
330pF
470nF
10nF
Analog source
1:1
ADT1-1
TSA1001
VIN
VINB
INCM
50
Ω
100nF
330pF
470nF
10nF
Signal source
0.9V
TSA1001
VIN
VINB
VREFM
1.03V
VREFP
330pF
470nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com