Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSA1001
Description  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 Datasheet(HTML) 2 Page - STMicroelectronics

  TSA1001 Datasheet HTML 1Page - STMicroelectronics TSA1001 Datasheet HTML 2Page - STMicroelectronics TSA1001 Datasheet HTML 3Page - STMicroelectronics TSA1001 Datasheet HTML 4Page - STMicroelectronics TSA1001 Datasheet HTML 5Page - STMicroelectronics TSA1001 Datasheet HTML 6Page - STMicroelectronics TSA1001 Datasheet HTML 7Page - STMicroelectronics TSA1001 Datasheet HTML 8Page - STMicroelectronics TSA1001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TSA1001
2/19
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
BLOCK DIAGRAM
Symbol
Parameter
Values
Unit
AVCC
Analog Supply voltage 1)
0 to 3.3
V
DVCC
Digital Supply voltage 1)
0 to 3.3
V
VCCB
Digital buffer Supply voltage 1)
0 to 3.3
V
IDout
Digital output current
-100 to 100
mA
Tstg
Storage temperature
+150
°C
ESD
Electrical Static Discharge:
- HBM
- CDM-JEDEC Standard
2
1.5
KV
1). All voltages values, except differential voltage, are with respect to network ground terminal. The magnitude of input and output voltages
must never exceed -0.3V or VCC+0V
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
AVCC
Analog Supply voltage
2.25
2.5
2.7
V
DVCC
Digital Supply voltage
2.25
2.5
2.7
V
VCCB
Digital buffer Supply voltage
2.25
2.5
2.7
V
VREFP
Forced top voltage reference
1.16
-
AVCC
V
VREFM
Forced bottom reference voltage
0
0
0.5
V
stage
stage
stage
1
2
n
Reference
Timing
circuit
Sequencer-phase shifting
Digital data correction
Buffers
IPOL
VREFM
VREFP
CLK
+2.5V
VIN
VINB
DFSB
OEB
DR
DO
TO
D9
OR
INCM
GND
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com