Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
132
Freescale Semiconductor
Ordering Information
21.1
Part Numbers Fully Addressed by This Document
Table 73 provides the Freescale part numbering nomenclature for the MPC8640. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 74 shows the parts that are available for ordering and their operating conditions.
Table 73. Part Numbering Nomenclature
uu
nnnn
D
w
xx
yyyy
a
z
Product
Code
Part
Identifier
Core
Count
Temp
Package 1
Core
Processor
Frequency 2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC5
8640
Blank =
Single Core
Blank:
0
°C to 105°C
T:
-40
°C to 105°C
HX = High-lead
HCTE FC-CBGA
VU = RoHS lead-f
ree HCTE
FC-CBGA
1000, 1067,
1250
N = 533 MHz4
H = 500 MHz
Revision C = 2.1
System Version Register
Value for Rev C:
0x8090_0021 - MPC8640
0x8090_0121 - MPC8640D
D =
Dual Core
Notes:
1. See Section 16, “Package,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
3. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These parts
have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact
that product changes may still occur while shipping pilot production prototypes.
4. Part Number MC8640xxx1067NC is our low VDD_Coren device. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.
5. MC - Qualified production
Table 74. Part Offerings and Operating Conditions
Part Offerings 1
Operating Conditions
MC8640Dwxx1250HC
Dual core
Max CPU speed = 1250 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts
MC8640Dwxx1000HC
Dual core
Max CPU speed = 1000 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com