Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
135
Document Revision History
22 Document Revision History
Table 76 provides a revision history for the MPC8640D hardware specification.
Table 75. Document Revision History
Revision
Date
Substantive Change(s)
1
11/2008
• Removed voltage option of 1.10 V from Table 2 because it is not supported by MPC8640D or MPC8640
• Updated Table 4 and Table 5 with the new 1067/533 MHz device offering. This includes updated Power
Specifications.
• Added Section 4.4, “Platform Frequency Requirements for PCI-Express and Serial RapidIO”
• Updated Section 6, “DDR and DDR2 SDRAM” to include 533 MHz.
• Added core frequency of 1067 to Table 63, Table 64, Table 65 and Table 66
• Changed Max Memory clock frequency from 250 MHz to 266 MHz in Table 64
• Changed Max MPX/Platform clock Frequency from 500 MHz to 533 MHz in Table 65
• Changed Max Local Bus clock speed from 1 MHz to 133 MHz in Table 66
• Added MPX:Sysclk Ratio of 8:1 to Table 67
• Added Core:MPX Ratio of 3:1 to Table 68
• Updated Table 69 to include 533 MPX clock frequency
• Changed the Extended Temp range part numbering ‘w’ to be T instead of an H in Table 73
• Changed the DDR speed part numbering N to stand for 533 MHz intead of 500 MHz in Table 73
• Removed the statement “Note that core processor speed of 1500 MHz is only available for the
MPC8640D (dual core)” from Note 2 in Table 73 because MPC8640D is not offered at 1500 MHz core.
• Removed the part offering MC8640Dwxx1000NC which is replaced with MC8640Dwxx1067NC and
removed MC8640wxx1000NC replaced with MC8640wxx1067NC in Table 74
• Added Note 8 to Figure 57 and Figure 58.
0
07/2008
• Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com