Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
58
Freescale Semiconductor
I
2C
Figure 32 provides the AC test load for the I2C.
Figure 36. I2C AC Test Load
Figure 37 shows the AC timing diagram for the I2C bus.
Fall time of both SDA and SCL signals
tI2CF
20 + 0.1 Cb
5
300
ns
Data output delay time
tI2OVKL
—0.9 3
μs
Set-up time for STOP condition
tI2PVKH
0.6
—
μs
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs
Noise margin at the LOW level for each connected device
(including hysteresis)
VNL
0.1
× OVDD
—V
Noise margin at the HIGH level for each connected device
(including hysteresis)
VNH
0.2
× OVDD
—V
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tI2DVKH symbolizes I
2C timing (I2) with respect to the time data input signals (D) reach the valid state (V) relative to
the tI2C clock reference (K) going to the high (H) state or setup time. Also, tI2SXKL symbolizes I
2C timing (I2) for the
time that the data with respect to the start condition (S) went invalid (X) relative to the tI2C clock reference (K) going
to the low (L) state or hold time. Also, tI2PVKH symbolizes I
2C timing (I2) for the time that the data with respect to the
stop condition (P) reaching the valid state (V) relative to the tI2C clock reference (K) going to the high (H) state or
setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. As a transmitter, the MPC8640 provides a delay time of at least 300 ns for the SDA signal (referred to the Vihmin
of the SCL signal) to bridge the undefined region of the falling edge of SCL to avoid unintended generation of Start
or Stop condition. When MPC8640 acts as the I2C bus master while transmitting, MPC8640 drives both SCL and
SDA. As long as the load on SCL and SDA are balanced, MPC8640 would not cause unintended generation of Start
or Stop condition. Therefore, the 300 ns SDA output delay time is not a concern. If, under some rare condition, the
300 ns SDA output delay time is required for MPC8640 as transmitter, the following setting is recommended for the
FDR bit field of the I2CFDR register to ensure both the desired I2C SCL clock frequency and SDA output delay time
are achieved, assuming that the desired I2C SCL clock frequency is 400 KHz and the Digital Filter Sampling Rate
Register (I2CDFSRR) is programmed with its default setting of 0x10 (decimal 16):
I2C Source Clock Frequency
333 MHz
266 MHz
200 MHz
133 MHz
FDR Bit Setting
0x2A
0x05
0x26
0x00
Actual FDR Divider Selected
896
704
512
384
Actual I2C SCL Frequency Generated
371 KHz
378 KHz
390 KHz
346 KHz
For the detail of I2C frequency calculation, refer to the application note AN2919 “Determining the I2C Frequency
Divider Ratio for SCL”. Note that the I2C Source Clock Frequency is half of the MPX clock frequency for MPC8640.
3. The maximum tI2DXKL has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4. Guaranteed by design.
5. CB = capacitance of one bus line in pF.
Table 45. I2C AC Electrical Specifications (continued)
All values refer to VIH (min) and VIL (max) levels (see Table 44).
Parameter
Symbol 1
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com