Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
12
Freescale Semiconductor
Electrical Characteristics
Figure 3 illustrates the Power Up sequence as described above.
Figure 3. MPC8640 Power-Up and Reset Sequence
VDD_PLAT, AVDD_PLAT
L/T/OVDD
Time
2.5 V
3.3 V
1.2 V
0
Reset
Configuration Pins
HRESET (& TRST)
100 µs Platform PLL
Asserted for
100
μs after
Power Supply Ramp Up 2
Notes:
1. Dotted waveforms correspond to optional supply values for a specified power supply. See Table 2.
2. The recommended maximum ramp up time for power supplies is 20 milliseconds.
3. Refer to Section 5, “RESET Initialization” for additional information on PLL relock and reset signal
assertion timing requirements.
4. Refer to Table 10 for additional information on reset configuration pin setup timing requirements. In
addition see Figure 68 regarding HRESET and JTAG connection details including TRST.
5. e600 PLL relock time is 100 microseconds maximum plus 255 MPX_clk cycles.
6. Stable PLL configuration signals are required as stable SYSCLK is applied. All other POR configuration
inputs are required 4 SYSCLK cycles before HRESET negation and are valid at least 2 SYSCLK cycles
after HRESET has negated (hold requirement). See Section 5, “RESET Initialization” for more
information on setup and hold time of reset configuration signals.
7. VDD_PLAT, AVDD_PLAT must strictly reach 90% of their recommended voltage before the rail for
D
n_GVDD, and Dn_MVREF reaches 10% of their recommended voltage.
8. SYSCLK must be driven only AFTER the power for the various power supplies is stable.
9. In device sleep mode, the reset configuration signals for DRAM types (TSEC2_TXD[4],TSEC2_TX_ER)
must be valid BEFORE HRESET is asserted.
e6005
AVDD_LB, SVDD, XVDD_SRDSn
VDD_Coren, AVDD_Coren
AVDD_SRDSn
1.8 V
D
n_GVDD, = 1.8/2.5 V
D
n_MVREF
If
SYSCLK 8 (not drawn to scale)
Relock Time 3
L/TVDD=2.5 V
1
7
PLL
9
SYSCLK is functional 4
Cycles Setup and hold Time 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com