Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
14
Freescale Semiconductor
Input Clocks
The power dissipation for the MPC8640 single core device is shown in Table 5.
4
Input Clocks
Table 6 provides the system clock (SYSCLK) DC specifications for the MPC8640.
Table 6. SYSCLK DC Electrical Characteristics (OVDD = 3.3 V ± 165 mV.)
Table 5. MPC8640 Power Dissipation (Single Core)
Power Mode
Core Frequency
(MHz)
Platform
Frequency (MHz)
VDD_Coren,
VDD_PLAT
(Volts)
Junction
Temperature
Power
(Watts)
Notes
Typical
1250 MHz
500 MHz
1.05 V
65 oC
13.3
1, 2
Thermal
105 oC
16.5
1, 3
Maximum
19
1, 4
Typical
1000 MHz
500 MHz
1.05 V
65 oC
11.9
1, 2
Thermal
105 oC
14.8
1, 3
Maximum
17
1, 4
Typical
1067 MHz
533 MHz
0.95 V,
1.05 V
65 oC
10.1
1, 2, 5
Thermal
105 oC
12.3
1, 3, 5
Maximum
14
1, 4, 5
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD_Coren) and 65°C junction
temperature (see Table 2)while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz.
3. Thermal power is the average power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz and a typical
workload on platform interfaces.
4. Maximum power is the maximum power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running a test which includes an entirely L1-cache-resident, contrived sequence of
instructions which keep all the execution units maximally busy.
5. These power numbers are for Part Number MC8640Dwxx1067NC and MC8640wxx1067NC only. VDD_Coren = 0.95 V and
VDD_PLAT = 1.05 V.
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com