Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
99
Signal Listings
TSEC3_TX_EN
AH19
O
TVDD
36
TSEC3_TX_ER
AH17
O
TVDD
TSEC3_TX_CLK
AH18
I
TVDD
40
TSEC3_GTX_CLK
AG19
O
TVDD
41
TSEC3_CRS
AE15
I/O
TVDD
37
TSEC3_COL
AF15
I
TVDD
TSEC3_RXD[0:7]
AJ17, AE16, AH16, AH14, AJ19, AH15,
AG16, AE19
ITVDD
TSEC3_RX_DV
AG15
I
TVDD
TSEC3_RX_ER
AF16
I
TVDD
TSEC3_RX_CLK
AJ18
I
TVDD
40
eTSEC Port 4 Signals5
TSEC4_TXD[0:3]
AC18, AC16, AD18, AD17
O
TVDD
6
TSEC4_TXD[4]
AD16
O
TVDD
25
TSEC4_TXD[5:7]
AB18, AB17, AB16
O
TVDD
6
TSEC4_TX_EN
AF17
O
TVDD
36
TSEC4_TX_ER
AF19
O
TVDD
TSEC4_TX_CLK
AF18
I
TVDD
40
TSEC4_GTX_CLK
AG17
O
TVDD
41
TSEC4_CRS
AB14
I/O
TVDD
37
TSEC4_COL
AC13
I
TVDD
TSEC4_RXD[0:7]
AG14, AD13, AF13, AD14, AE14, AB15,
AC14, AE17
ITVDD
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com