Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
102
Freescale Semiconductor
Signal Listings
UART_CTS[0:1]
A31, B31
I
OVDD
UART_RTS[0:1]
C31, E30
O
OVDD
I2C Signals
IIC1_SDA
A16
I/O
OVDD
7, 11
IIC1_SCL
B17
I/O
OVDD
7, 11
IIC2_SDA
A21
I/O
OVDD
7, 11
IIC2_SCL
B21
I/O
OVDD
7, 11
System Control Signals5
HRESET
B18
I
OVDD
HRESET_REQ
K18
O
OVDD
SMI_0
L15
I
OVDD
SMI_1
L16
I
OVDD
12,
S4
SRESET_0
C20
I
OVDD
SRESET_1
C21
I
OVDD
12,
S4
CKSTP_IN
L18
I
OVDD
CKSTP_OUT
L17
O
OVDD
7, 11
READY/TRIG_OUT
J13
O
OVDD
10, 25
Debug Signals5
TRIG_IN
J14
I
OVDD
TRIG_OUT/READY
J13
O
OVDD
10, 25
D1_MSRCID[0:1]/
LB_SRCID[0:1]
F15, K15
O
OVDD
6, 10
D1_MSRCID[2]/
LB_SRCID[2]
K14
O
OVDD
10, 25
D1_MSRCID[3:4]/
LB_SRCID[3:4]
H15, G15
O
OVDD
10
D2_MSRCID[0:4]
E16, C17, F16, H16, K16
O
OVDD
D1_MDVAL/LB_DVAL
J16
O
OVDD
10
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com