Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
106
Freescale Semiconductor
Signal Listings
AGND_SRDS1
P30
SerDes Port 1
Ground pin for
AVDD_SRDS1
-
AGND_SRDS2
AF30
SerDes Port 2
Ground pin for
AVDD_SRDS2
-
SGND
H28, H32, J30, K31, L28, L29, M32, N30,
R29, T32, U30, V31, W29,Y32 AA30, AB31,
AC29, AD32, AE30, AG29, AH32, AJ30,
AK31, AL29, AM32
Ground pins for
SVDD
XGND
K27, L25, M26, N24, P27, R25, T26, U24,
V27, W25, Y28, AA24, AB27, AC25, AD28,
AE26, AF27, AH28, AJ26, AK27, AL26,
AM28
Ground pins for
XVDD_SRDSn
Reset Configuration Signals20
TSEC1_TXD[0] /
cfg_alt_boot_vec
AF25
-
LVDD
TSEC1_TXD[1]/
cfg_platform_freq
AC23
-
LVDD
21
TSEC1_TXD[2:4]/
cfg_device_id[5:7]
AG24, AG23, AE24
-
LVDD
TSEC1_TXD[5]/
cfg_tsec1_reduce
AE23
-
LVDD
TSEC1_TXD[6:7]/
cfg_tsec1_prtcl[0:1]
AE22, AD22
-
LVDD
TSEC2_TXD[0:3]/
cfg_rom_loc[0:3]
AB20, AJ23, AJ22, AD19
-
LVDD
TSEC2_TXD[4],
TSEC2_TX_ER/
cfg_dram_type[0:1]
AH23,
AB19
-LVDD
38
TSEC2_TXD[5]/
cfg_tsec2_reduce
AH21
-
LVDD
TSEC2_TXD[6:7]/
cfg_tsec2_prtcl[0:1]
AG22, AG21
-
LVDD
TSEC3_TXD[0:1]/
cfg_spare[0:1]
AL21, AJ21
O
TVDD
33
TSEC3_TXD[2]/
cfg_core1_enable
AM20
O
TVDD
TSEC3_TXD[3]/
cfg_core1_lm_offset
AJ20
-
LVDD
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com