Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
105
Signal Listings
XVDD_SRDS2
AA25, AB28, AC26, AD27, AE25, AF28,
AH27, AK28, AM27, W24, Y27
Serial I/O
Power Supply
for SerDes
Port 2
XVDD_SRDS2
1.05/1.1 V
VDD_Core0
L12, L13, L14, M13, M15, N12, N14, P11,
P13, P15, R12, R14, T11, T13, T15, U12,
U14, V11, V13, V15, W12, W14, Y12, Y13,
Y15, AA12, AA14, AB13
Core 0 voltage
supply
VDD_Core0
0.95/1.05/1.1
V
VDD_Core1
R16, R18, R20, T17, T19, T21, T23, U16,
U18, U22, V17, V19, V21, V23, W16, W18,
W20, W22, Y17, Y19, Y21, Y23, AA16,
AA18, AA20, AA22, AB23, AC24
Core 1 voltage
supply
VDD_Core1
0.95/1.05/1.1
V
12,
S1
VDD_PLAT
M16, M17, M18, N16, N20, N22, P17, P19,
P21, P23, R22
Platform supply
voltage
VDD_PLAT
1.05/1.1 V
AVDD_Core0
B20
Core 0 PLL
Supply
AVDD_Core0
0.95/1.05/1.1
V
AVDD_Core1
A19
Core 1 PLL
Supply
AVDD_Core1
0.95/1.05/1.1
V
12,
S2
AVDD_PLAT
B19
Platform PLL
supply voltage
AVDD_PLAT
1.05/1.1 V
AVDD_LB
A20
Local Bus PLL
supply voltage
AVDD_LB
1.05/1.1 V
AVDD_SRDS1
P32
SerDes Port 1
PLL & DLL
Power Supply
AVDD_SRDS1
1.05/1.1 V
AVDD_SRDS2
AF32
SerDes Port 2
PLL & DLL
Power Supply
AVDD_SRDS2
1.05/1.1 V
GND
C3, C6, C9, C12, C15, C23, C26, E5, E8,
E11, E14, E18, E25, E28, F3, G7, G10, G13,
G20, G23, G27, G30, H5, J3, J9, J12, J15,
J22, J25, K7, L5, L20, M3, M9, M12, N7,
N11, N13, N15, N17, N19, N21, N23, P5,
P12, P16, P20, P22, R3, R9, R11, R13, R15,
R17, R19, R21, R23, T7, T12, T14, T16,
T18, T20, T22, U5, U11,U13, U15, U17,
U19, U21, U23, V3, V9, V12, V14, V16, V18,
V22, W7, W11, W13, W15, W17, W19, W21,
W23,Y5, Y14, Y16, Y18, Y20, Y22, AA3,
AA9, AA13, AA15, AA17, AA19, AA21,
AA23, AB7, AB24, AC5, AC11, AD3, AD9,
AD15, AE7, AE13, AE18, AF5, AF11, AF21,
AF24, AG3, AG9, AH7, AH13, AJ5, AJ11,
AK3, AK9, AK15, AK19, AK23, AL7, AL13
GND
-
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com