Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC8640
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC8640 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8640 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
133
Ordering Information
21.2
Part Marking
Parts are marked as the example shown in Figure 70.
Figure 70. Part Marking for FC-CBGA Device
MC8640Dwxx1067NC
Dual core
MAX CPU speed = 1067 MHz,
MAX DDR = 533 MHz
Core Voltage = 0.95 volts
MC8640wxx1250HC
Single core
Max CPU speed = 1250 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts
MC8640wxx1000HC
Single core
Max CPU speed = 1000 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts
MC8640wxx1067NC
Single core
Max CPU speed = 1067 MHz,
Max DDR = 533 MHz
Core Voltage = 0.95 volts
1
Note that the “w” represents the operating temperature range. The “xx” in the part marking represents the
package option. For more information see Table 73.
Table 74. Part Offerings and Operating Conditions
Part Offerings 1
Operating Conditions
MC8640x
xxnnnnxx
TWLYYWW
MMMMMM
YWWLAZ
YWWLAZ is the assembly traceability code.
MMMMMM is the M00 (mask) number.
TWLYYWW is the test code
NOTE:
8640D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com