Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
106
Freescale Semiconductor
Signal Listings
VDD_Core1
R16, R18, R20, T17, T19, T21, T23, U16,
U18, U22, V17, V19, V21, V23, W16, W18,
W20, W22, Y17, Y19, Y21, Y23, AA16,
AA18, AA20, AA22, AB23, AC24
Core 1 voltage
supply
VDD_Core1
0.95/1.05/1.1
V
12,
S1
VDD_PLAT
M16, M17, M18, N16, N20, N22, P17, P19,
P21, P23, R22
Platform supply
voltage
VDD_PLAT
1.05/1.1 V
AVDD_Core0
B20
Core 0 PLL
Supply
AVDD_Core0
0.95/1.05/1.1
V
AVDD_Core1
A19
Core 1 PLL
Supply
AVDD_Core1
0.95/1.05/1.1
V
12,
S2
AVDD_PLAT
B19
Platform PLL
supply voltage
AVDD_PLAT
1.05/1.1 V
AVDD_LB
A20
Local Bus PLL
supply voltage
AVDD_LB
1.05/1.1 V
AVDD_SRDS1
P32
SerDes Port 1
PLL & DLL
Power Supply
AVDD_SRDS1
1.05/1.1 V
AVDD_SRDS2
AF32
SerDes Port 2
PLL & DLL
Power Supply
AVDD_SRDS2
1.05/1.1 V
GND
C3, C6, C9, C12, C15, C23, C26, E5, E8,
E11, E14, E18, E25, E28, F3, G7, G10, G13,
G20, G23, G27, G30, H5, J3, J9, J12, J15,
J22, J25, K7, L5, L20, M3, M9, M12, N7,
N11, N13, N15, N17, N19, N21, N23, P5,
P12, P16, P20, P22, R3, R9, R11, R13, R15,
R17, R19, R21, R23, T7, T12, T14, T16,
T18, T20, T22, U5, U11,U13, U15, U17,
U19, U21, U23, V3, V9, V12, V14, V16, V18,
V22, W7, W11, W13, W15, W17, W19, W21,
W23,Y5, Y14, Y16, Y18, Y20, Y22, AA3,
AA9, AA13, AA15, AA17, AA19, AA21,
AA23, AB7, AB24, AC5, AC11, AD3, AD9,
AD15, AE7, AE13, AE18, AF5, AF11, AF21,
AF24, AG3, AG9, AH7, AH13, AJ5, AJ11,
AK3, AK9, AK15, AK19, AK23, AL7, AL13
GND
-
AGND_SRDS1
P30
SerDes Port 1
Ground pin for
AVDD_SRDS1
-
AGND_SRDS2
AF30
SerDes Port 2
Ground pin for
AVDD_SRDS2
-
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com