Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
110
Freescale Semiconductor
Clocking
18 Clocking
This section describes the PLL configuration of the MPC8641. Note that the platform clock is identical to
the MPX clock.
18.1
Clock Ranges
Table 64 provides the clocking specifications for the processor cores and Table 65 provides the clocking
specifications for the memory bus. Table 66 provides the clocking for the Platform/MPX bus and Table 67
provides the clocking for the Local bus.
Table 64. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000 MHz
1250MHz
1333MHz
1500 MHz
Min
Max
Min
Max
Min
Max
Min
Max
e600 core processor frequency
800
1000
800
1250
800
1333
800
1500
MHz
1, 2
Notes:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e600 (core) frequency, and MPX clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 18.2, “MPX to SYSCLK PLL Ratio,” and Section 18.3, “e600 to MPX clock PLL Ratio,”
for ratio settings.
2. The minimum e600 core frequency is based on the minimum platform clock frequency of 400 MHz.
Table 65. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
1000, 1250, 1333, 1500MHz
Min
Max
Memory bus clock frequency
200
300
MHz
1, 2
Notes:
1. Caution: The MPX clock to SYSCLK ratio and e600 core to MPX clock ratio settings must be
chosen such that the resulting SYSCLK frequency, e600 (core) frequency, and MPX clock
frequency do not exceed their respective maximum or minimum operating frequencies. Refer to
Section 18.2, “MPX to SYSCLK PLL Ratio,” and Section 18.3, “e600 to MPX clock PLL Ratio,” for
ratio settings.
2. The memory bus clock speed is half the DDR/DDR2 data rate, hence, half the MPX clock
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com