Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
132
Freescale Semiconductor
Ordering Information
Figure 69. JTAG/COP Interface Connection for Multiple MPC8641 Devices in Daisy Chain Configuration
21 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 21.1, “Part Numbers Fully Addressed by This Document.”
COP_SRESET
COP_TRST
COP_HRESET
JTAG/COP
SRESET1
SRESET0
TDI
Header
HRESET
TRST
CHKSTP_OUT
CHKSTP_IN
TMS
TCK
TDO
10k
Ω
10k
Ω
SRESET1
HRESET
From Target
Board Sources
(if any)
COP_TDI
11
13
3
COP_CHKSTP_OUT
COP_CHKSTP_IN
SRESET1
SRESET0
TDI
TRST
CHKSTP_OUT
CHKSTP_IN
TMS
TCK
TDO
4
15
8
COP_TMS
2
10
COP_TCK
GND
14
9
7
6
NC
NC
COP_VDD_SENSE
16
COP_TDO
1
3
12
2
HRESET
OVDD
SRESET0
4
4
4
4
10k
Ω
Notes:
1. Populate this with a 10
Ω resistor for short circuit/current-limiting protection.
2. KEY location; pin 14 is not physically present on the COP header.
3. Use a AND gate with sufficient drive strength to drive two inputs.
4. The COP port and target board should be able to independently assert HRESET and TRST to the processor in order
to fully control the processor as shown above.
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
6
5
10
Ω
MPC8641
MPC8641
3
5. This switch is included as a precaution for BSDL testing. The switch should be open during BSDL testing to avoid
accidentally asserting the TRST line. If BSDL testing is not being performed, this switch should be closed or removed.
6. Although pin 12 is defined as a No-Connect, some debug tools may use pin 12 as an additional GND pin for
improved signal integrity.
5
NC
1
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com