Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
133
Ordering Information
21.1
Part Numbers Fully Addressed by This Document
Table 74 provides the Freescale part numbering nomenclature for the MPC8641. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 74. Part Numbering Nomenclature
MC
nnnn
x
xx
nnnn
x
x
Product
Code
Part
Identifier
Core
Count
Package 1
Core Processor
Frequency 2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC
8641
Blank =
Single
Core
HX = High-lead
HCTE FC-CBGA
VU = RoHS lead-free
HCTE FC-CBGA
1000, 1250, 1333,
1500
N = 500 MHz4
K = 600 MHz
J = 533 MHz
H = 500 MHz
G = 400 MHz
Revision B = 2.0
System Version Register
Value for Rev B:
0x8090_0020 - MPC8641
0x8090_0120 - MPC8641D
Revision C = 2.1
System Version Register
Value for Rev C:
0x8090_0021 - MPC8641
0x8090_0121 - MPC8641D
D = Dual
Core
Notes:
1. See Section 16, “Package,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support other
maximum core frequencies.
3. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur while shipping pilot production prototypes.
4. Part Number MC8641xxx1000NX is our low VDD_Coren device. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com