Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
91
Package
16 Package
This section details package parameters and dimensions.
16.1
Package Parameters for the MPC8641
The package parameters are as provided in the following list. The package type is 33 mm x 33 mm, 1023
pins. There are two package options: high-lead Flip Chip-Ceramic Ball Grid Array (FC-CBGA), and
lead-free (FC-CBGA).
For all package types:
Die size
12.1 mm x 14.7 mm
Package outline
33 mm x 33 mm
Interconnects
1023
Pitch
1 mm
Total Capacitor count
43 caps; 100 nF each
For high-lead FC-CBGA (package option: HCTE1 HX)
Maximum module height
2.97 mm
Minimum module height
2.47 mm
Solder Balls
89.5% Pb 10.5% Sn
Ball diameter (typical2)
0.60 mm
For RoHS lead-free FC-CBGA (package option: HCTE1 VU)
Maximum module height
2.77 mm
Minimum module height
2.27 mm
Solder Balls
95.5% Sn 4.0% Ag 0.5% Cu
Ball diameter (typical2)
0.60 mm
1 High-coefficient of thermal expansion
2 Typical ball diameter is before reflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com