Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
18
Freescale Semiconductor
RESET Initialization
NOTE
The phase between the output clocks TSEC1_GTX_CLK and
TSEC2_GTX_CLK (ports 1 and 2) is no more than 100 ps. The phase
between the output clocks TSEC3_GTX_CLK and TSEC4_GTX_CLK
(ports 3 and 4) is no more than 100 ps.
4.4
Platform Frequency Requirements for PCI-Express and Serial
RapidIO
The MPX platform clock frequency must be considered for proper operation of the high-speed PCI
Express and Serial RapidIO interfaces as described below.
For proper PCI Express operation, the MPX clock frequency must be greater than or equal to:
527 MHz x (PCI-Express link width)
16 / (1 + cfg_plat_freq)
Note that at MPX = 400 MHz, cfg_plat_freq = 0 and at MPX > 400 MHz, cfg_plat_freq = 1. Therefore,
when operating PCI Express in x8 link width, the MPX platform frequency must be 400 MHz with
cfg_plat_freq = 0 or greater than or equal to 527 MHz with cfg_plat_freq = 1.
For proper Serial RapidIO operation, the MPX clock frequency must be greater than:
2 × (0.80) × (Serial RapidIO interface frequency) × (Serial RapidIO link width)
64
4.5
Other Input Clocks
For information on the input clocks of other functional blocks of the platform such as SerDes, and eTSEC,
see the specific section of this document.
5
RESET Initialization
This section describes the AC electrical specifications for the RESET initialization timing requirements of
the MPC8641. Table 11 provides the RESET initialization AC timing specifications.
EC
n_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%1, 2
Notes:
1. Timing is guaranteed by design and characterization.
2. EC
n_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation.
EC
n_GTX_CLK125 duty cycle can be loosened from 47/53% as long as the PHY device can tolerate the duty cycle
generated by the eTSEC GTX_CLK. See Section 8.2.6, “RGMII and RTBI AC Timing Specifications” for duty cycle
for 10Base-T and 100Base-T reference clock.
3. ±100 ppm tolerance on EC
n_GTX_CLK125 frequency
Table 10. EC
n_GTX_CLK125 AC Timing Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com