Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
15
Input Clocks
The power dissipation for the MPC8641 single core device is shown in Table 6.
4
Input Clocks
Table 7 provides the system clock (SYSCLK) DC specifications for the MPC8641.
Table 6. MPC8641 Power Dissipation (Single Core)
Power Mode
Core Frequency
(MHz)
Platform
Frequency (MHz)
VDD_Coren,
VDD_PLAT
(Volts)
Junction
Temperature
Power
(Watts)
Notes
Typical
1500 MHz
600 MHz
1.1 V
65 oC
20.3
1, 2
Thermal
105 oC
25.2
1, 3
Maxim
28.9
1, 4
Typical
1333 MHz
533 MHz
1.05 V
65 oC
16.3
1, 2
Thermal
105 oC
20.2
1, 3
Maximum
23.2
1, 4
Typical
1250 MHz
500 MHz
1.05 V
65 oC
16.3
1, 2
Thermal
105 oC
20.2
1, 3
Maximum
23.2
1, 4
Typical
1000 MHz
400 MHz
1.05 V
65 oC
16.3
1, 2
Thermal
105 oC
20.2
1, 3
Maximum
23.2
1, 4
Typical
1000 MHz
500 MHz
0.95 V,
1.05 V
65 oC
11.6
1, 2, 5
Thermal
105 oC
14.4
1, 3, 5
Maximum
16.5
1, 4, 5
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD_Coren) and 65°C junction
temperature (see Table 2)while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz.
3. Thermal power is the average power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz and a typical
workload on platform interfaces.
4. Maximum power is the maximum power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running a test which includes an entirely L1-cache-resident, contrived sequence of
instructions which keep all the execution units maximally busy.
5. These power numbers are for Part Number MC8641xx1000NX only. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com