Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
99
Signal Listings
eTSEC Port 2 Signals5
TSEC2_TXD[0:3]/
GPOUT[8:15]
AB20, AJ23, AJ22, AD19
O
LVDD
6, 10
TSEC2_TXD[4]/
GPOUT[12]
AH23
O
LVDD
6,10, 38
TSEC2_TXD[5:7]/
GPOUT[13:15]
AH21, AG22, AG21
O
LVDD
6, 10
TSEC2_TX_EN
AB21
O
LVDD
36
TSEC2_TX_ER
AB19
O
LVDD
6, 38
TSEC2_TX_CLK
AC21
I
LVDD
40
TSEC2_GTX_CLK
AD20
O
LVDD
41
TSEC2_CRS
AE20
I/O
LVDD
37
TSEC2_COL
AE21
I
LVDD
TSEC2_RXD[0:7]/
GPIN[8:15]
AL22, AK22, AM21, AH20, AG20, AF20,
AF23, AF22
ILVDD
10
TSEC2_RX_DV
AC19
I
LVDD
TSEC2_RX_ER
AD21
I
LVDD
TSEC2_RX_CLK
AM22
I
LVDD
40
eTSEC Port 3 Signals5
TSEC3_TXD[0:3]
AL21, AJ21, AM20, AJ20
O
TVDD
6
TSEC3_TXD[4]/
AM19
O
TVDD
TSEC3_TXD[5:7]
AK21, AL20, AL19
O
TVDD
6
TSEC3_TX_EN
AH19
O
TVDD
36
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com