Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641D Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8641D Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
102
Freescale Semiconductor
Signal Listings
DMA Signals5
DMA_DREQ[0:1]
E31, E32
I
OVDD
DMA_DREQ[2]/LCS[5]
B23
I
OVDD
9, 10
DMA_DREQ[3]/IRQ[9]
B30
I
OVDD
10
DMA_DACK[0:1]
D32, F30
O
OVDD
DMA_DACK[2]/LCS[6]
E23
O
OVDD
10
DMA_DACK[3]/IRQ[10]
C30
O
OVDD
9, 10
DMA_DDONE[0:1]
F31, F32
O
OVDD
DMA_DDONE[2]/LCS[7]
F23
O
OVDD
10
DMA_DDONE[3]/IRQ[11] D30
O
OVDD
9, 10
Programmable Interrupt Controller Signals5
MCP_0
F17
I
OVDD
MCP _1
H17
I
OVDD
12,
S4
IRQ[0:8]
G28, G29, H27, J23, M23, J27, F28, J24,
L23
IOVDD
IRQ[9]/DMA_DREQ[3]
B30
I
OVDD
10
IRQ[10]/DMA_DACK[3]
C30
I
OVDD
9, 10
IRQ[11]/DMA_DDONE[3] D30
I
OVDD
9, 10
IRQ_OUT
J26
O
OVDD
7, 11
DUART Signals5
UART_SIN[0:1]
B32, C32
I
OVDD
UART_SOUT[0:1]
D31, A32
O
OVDD
UART_CTS[0:1]
A31, B31
I
OVDD
UART_RTS[0:1]
C31, E30
O
OVDD
I2C Signals
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com