Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXI-2 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2DP818ZXI-2
Description  1:8 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXI-2 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2DP818ZXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY
CY2DP818-2
Document #: 38-07588 Rev. *A
Page 4 of 9
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
DC Supply Voltage
Inputs and VCC
–0.3
4.6
V
VDD
DC Operating Voltage
Outputs
–0.3
VDD + 0.3
V
VIN
DC Input Voltage
Relative to VSS, with or VDD applied
–0.3
VDD + 0.3
V
VOUT
DC Output Voltage
Relative to VSS
–0.3
VDD + 0.9
V
VTT
Output Termination Voltage
–
VDD ÷ 2V
TS
Temperature, Storage
Non Functional
–65
+150
°C
TA
Temperature, Operating
Ambient
Commercial Functional
0
70
°C
Industrial
Functional
–40
+85
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power up. Power supply sequencing is
NOT required.
DC Electrical Specifications
3.3V – LVDS Input at VDD = 3.3V ± 5%, TA = 0°C to 70°C or –40°C to 85°C
Parameter
Description
Conditions
Min
Typ
Max
Unit
VID
Magnitude of Differential Input Voltage
100
600
mV
VIC
Common Mode of Differential Input
VoltageIVIDI (minimum and maximum)
IVIDI/2
2.4–(IVIDI/2)
V
IIH
Input High Current
VDD = Max.
VIN = VDD
–
±10
± 20
μA
IIL
Input Low Current
VDD = Max.
VIN = VSS
–
±10
± 20
μA
3.3V – LVPECL Input at VDD = 3.3V ± 5%, TA = 0°C to 70°C or –40°C to 85°C
Parameter
Description
Conditions
Min
Typ
Max
Unit
VID
Differential Input Voltage p-p
Guaranteed Logic High Level
400
–
2600
mV
VIH
Input High Voltage
Guaranteed Logic High Level
2.15
–
2.4
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
1.5
–
1.8
V
IIH
Input High Current
VDD = Max.
VIN = VDD
–±10
±20
μA
IIL
Input Low Current
VDD = Max.
VIN = VSS
–±10
±20
μA
VCM
Common-mode Voltage
1650
–
2250
mV
3.3V – LVTTL/LVCMOS Input at VDD = 3.3V ± 5%, TA = 0°C to 70°C or –40°C to 85°C
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
Guaranteed Logic High Level
2
–
–
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
–
–
0.8
V
IIH
Input High Current
VDD = Max
VIN = 2.7V
–
–
1
μA
IIL
Input Low Current
VDD = Max
VIN = 0.5V
–
–
–1
μA
II
Input High Current
VDD = Max, VIN = VDD (Max)
VIK
Clamp Diode Voltage
VDD = Min, IIN = –18 mA
–
–0.7
–1.2
V
VH
Input Hysteresis[1]
–80
mV
Note
1. Guaranteed but not tested.
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com