Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXI-2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP818ZXI-2
Description  1:8 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXI-2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP818ZXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
CY2DP818-2
Document #: 38-07588 Rev. *A
Page 3 of 9
Power Supply Characteristics
Parameter
Description
Test Conditions
Min Typ Max
Unit
ICCD
Dynamic Power Supply Current
VDD = Max.
Input toggling 50% Duty Cycle, Outputs Open
1.5
2.0
mA/
MHz
IC
Total Power Supply Current
VDD = Max.
Input toggling 50% Duty Cycle, Outputs 50 ohms,
fL=100 MHz
350
mA
IC Core
Core Current when Output Loads
are Disabled
VDD = Max.
Input toggling 50% Duty Cycle, Outputs Disabled,
not connected to VTT fL = 100 MHz
50
mA
Input Receiver Configuration for Differential or LVTTL/LVCMOS
INCONFIG Pin 7
Binary Value
Input Receiver Family
Input Receiver Type
1
LVTTL in LVCMOS
Single ended, non inverting, inverting, void of bias resistors
0
LVDS
Low voltage differential signaling
LVPECL
Low voltage pseudo (positive) emitter coupled logic
Function Control of the TTL Input Logic used to Accept or Invert the Input Signal
LVTTL/LVCMOS Input Logic
Input Condition
Input Logic
Output Logic Q Pins, Q1A or Q1
Ground
Input B (–) Pin 11
Input A (+) Pin 10
Input
True
VDD
Input B (–) Pin 11
Input A (+) Pin 10
Input
Invert
Ground
Input A (+) Pin 10
Input B (–) Pin 11
Input
Invert
VDD
Input A (+) Pin 10
Input B (–) Pin 11
Input
True
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com