Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXI-2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2DP818ZXI-2
Description  1:8 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXI-2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2DP818ZXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY
CY2DP818-2
Document #: 38-07588 Rev. *A
Page 2 of 9
Pin Configuration
Figure 1. Pin Diagram - 38-Pin TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VDD
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4B
Q5A
Q5B
Q6A
Q6B
Q7A
Q7B
Q8A
Q8B
GND
Q4A
GND
VDD
GND
GND
VDD
InConfig
INPUT A
INPUT B
GND
GND
VDD
EN1
EN2
EN3
EN5
EN6
EN7
VDD
EN4
Pin Description
Pin Number
Pin Name
Pin Standard Interface
Description
1, 9,12,18,19,20,38 GND
POWER
Ground.
2,8,13,29,17
VDD
POWER
Power supply.
3,4,5,6,14,15,16
EN(1:7)
LVTTL/LVCMOS
The respective outputs are enabled when these
pins are pulled high. Outputs are disabled when
connected to GND. EN7 controls both Q7(A,B) and
Q8(A,B)
10,11
Input A, Input B
Default: LVPECL/LDVS
Optional: LVTTL/LVCMOS
single pin
Differential input pair or single line. LVPECL/LVDS
default. See InConfig, below.
37, 36,35,34,
33,32,31, 30,
28,27,26,25,
24,23,22,21
Q1(A,B), Q2(A,B)
Q3(A,B), Q4(A,B)
Q5(A,B), Q6(A,B)
Q7(A,B), Q8(A,B)
LVPECL
Differential outputs.
7
InConfig
LVTTL/LVCMOS
Converts inputs from the default
LVPECL/LVDS (logic = 0)
to LVTTL/LVCMOS (logic = 1)
See Input Receiver Configuration for Differential or
LVTTL/LVCMOS table, Figure 6 and Figure 7 for
additional information
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com