Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZXI-2 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP818ZXI-2
Description  1:8 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXI-2 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP818ZXI-2 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXI-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
CY2DP818-2
1:8 Clock Fanout Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07588 Rev. *A
Revised October 22, 2008
Features
■ Low voltage operation VDD = 3.3V
■ 1:8 fanout
■ Single-input configurable for LVDS, LVPECL, or LVTTL
■ 8 pairs of LVPECL outputs with enable and disable
■ Drives a 50 ohm load
■ Low input capacitance
■ Low output skew
■ Low propagation delay typical (tpd < 4 ns)
■ Industrial versions available
■ Package available include: TSSOP
■ Does not exceed Bellcore 802.3 standards
■ Operation up to 350 MHz and 700 Mbps
Description
This Cypress series of network circuits is produced using
advanced 0.35 micron CMOS technology, achieving the
industry’s fastest logic.
The Cypress CY2DP818-2 fanout buffer features a single
LVDS or a single-ended LVTTL compatible input and eight
LVPECL output pairs.
Designed for data communications clock management appli-
cations, the large fanout from a single input reduces loading
on the input clock.
The CY2DP818-2 is ideal for both level translations from
single-ended to LVPECL and for the distribution of LVPECL
based clock signals.
The Cypress CY2DP818-2 has configurable input functions.
The input is user configurable through the Inconfig pin for
single ended or differential input.
Logic Block Diagram
INPUT
(LVPECL / LVDS / LVTTL)
OUTPUT
(LVPECL)
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4A
Q4B
Q5A
Q5B
Q6A
Q6B
Q7A
Q7B
Q8A
Q8B
INPUT A
INPUT B
InConfig
EN1
EN2
EN3
EN4
EN5
EN6
EN7
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY2DP818ZXI-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818ZXI CYPRESS-CY2DP818ZXI Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
More results

Similar Description - CY2DP818ZXI-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
1:8 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
1:8 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
1:8 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com