Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR031EP Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPR031EP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EP Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPR031EP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MPR03X
Sensors
22
Freescale Semiconductor
Preliminary
8.4.2
Noise Half Delta Register
The Noise Half Delta register is used to set the Noise Half Delta for the third level filter. The address of the Noise Half Delta
Register is 0x27.
Figure 28. Noise Half Delta Register
8.4.3
Noise Count Limit Register
The Noise Count Limit register is used to set the Noise Count Limit for the Third Level Filter. The address of the Noise Half Delta
Register is 0x28.
Figure 29. Noise Count Limit Register
7
6
543210
R0
0
NHD
W
Reset:
0
0
000000
= Unimplemented
Table 15. Noise Half Delta Register Field Descriptions
Field
Description
5:0
NHD
Noise Half Delta – The Noise Half Delta determines the incremental change when
non-noise drift is detected.
000000 DO NOT USE THIS CODE
000001 Encoding 1 – Sets the Noise Half Delta to 1
~
111111 Encoding 63 – Sets the Noise Half Delta to 63
7
6
543210
R0
0
0
0
NCL
W
Reset:
0
0
000000
= Unimplemented
Table 16. Noise Count Limit Register Field Descriptions
Field
Description
3:0
NCL
Noise Count Limit – The Noise Count Limit determines the number of samples consecutively
greater than the Max Half Delta necessary before it can be determined that it is non-noise.
0000 Encoding 0 – Sets the Noise Count Limit to 1 (every time over Max Half Delta)
0001 Encoding 1 – Sets the Noise Count Limit to 2 consecutive samples over Max Half Delta
~
1111 Encoding 15 – Sets the Noise Count Limit to 15 consecutive samples over Max Half Delta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com