Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR031EP Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPR031EP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EP Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPR031EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MPR03X
Sensors
12
Freescale Semiconductor
Preliminary
5
Output Mechanisms
5.1
Introduction
The MPR03X has three outputs: the touch status, values from the second level filter (Section 8.3), and the calibrated baseline
values. The application can either use the touch status or a combination of second level filter data with the baseline data to
determine when a touch occurs.
5.2
Touch Status
Each Electrode has an associated single bit that denotes whether or not the pad is currently touched. This output is generated
using the touch threshold and release threshold registers to determine when a pad is considered touched or untouched.
Configuration of this system is discussed in Section 9.
5.2.1
Touch Status Register
The Touch Pad Status Register is a read only register for determining the current status of the touch pad. The I2C slave address
of the Touch Pad Status Register is 0x02.
Figure 17. Touch Status Register
7
6
543210
R
OCF
0
0
0
0
E2S
E1S
E0S
W
Reset:
0
0
000000
= Unimplemented
Table 6. Touch Pad Status Register Field Descriptions
Field
Description
7
OCF
Over Current Flag – The Over Current Flag shows when too much current is on the REXT
pin. If it is set all other status flags and registers are cleared and the device is set to Stop
mode. When OCF is set, the MPR03X cannot be put back into a Run mode.
0 – Current is within limits.
1 – Current is above limits. Writing a 1 to this field will clear the OCF.
2
E2S
Electrode 2 Status – The Electrode 2 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
1
E1S
Electrode 1 Status – The Electrode 1 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
0
E0S
Electrode 0 Status – The Electrode 0 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com