Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR031EP Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPR031EP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EP Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPR031EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MPR03X
Sensors
16
Freescale Semiconductor
Preliminary
7
Theory of Operation
7.1
Introduction
The MPR03X utilizes the principle that a capacitor holds a fixed amount of charge at a specific electric potential. Both the
implementation and the configuration will be described in this section.
7.2
Capacitance Measurement
The basic measurement technique used by the MPR03X is to charge up the capacitor C on one electrode input with a DC current
I for a time T (the charge time). Before measurement, the electrode input is grounded, so the electrode voltage starts from 0 V
and charges up with a slope, Equation 1, where C is the pad capacitance on the electrode (Figure 21). All of the other electrodes
are grounded during this measurement. At the end of time T, the electrode voltage is measured with a 10 bit ADC. The voltage
is inversely proportional to capacitance according to Equation 2
.The electrode is then discharged back to ground at the same
rate it was charged.
Equation 1
Equation 2
Figure 21. MPR03X Electrode Measurement Charging Pad Capacitance
When measuring capacitance there are some inherent restrictions due to the methodology used. On the MPR03X the voltage
after charging must be in the range that is shown in Figure 22.
Figure 22.
C
I
dt
dV =
C
T
I
V
×
=
Electrode Charge Time
T
V
Electrode
Charging
Electrode
Discharging
Electrode voltage measured here
2T
Electrode Discharge Time
Valid ADC Values vs. VDD
0
100
200
300
400
500
600
700
800
900
1.71
1.91
2.11
2.31
2.51
2.71
VDD (V)
ADChigh
ADCmid
ADClow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com