Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR031EP Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPR031EP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR031EP Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPR031EP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR031EP Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
19
Preliminary
7.4
Configuration
From the implementation above, there are two elements that can be configured to yield a wide range of capacitance readings
ranging from 0.455 pF to 2874.39 pF. The two configurable components are the electrode charge current and the electrode
charge time.
The electrode charge current can be configured to equal a range of values between 1
µA and 63 µA. This value is set in the CDC
in the AFE Configuration register (Section 7.4.1).
The electrode charge time can be configured to equal a range of values between 500 ns and 32
µS. This value is set in the CDT
in the Filter Configuration Register (Section 8.3.1).
7.4.1
AFE Configuration Register
The AFE (Analog Front End) Configuration Register is used to set both the Charge/Discharge Current and the number of samples
taken in the lowest level filter. The address of the AFE Configuration Register is 0x41.
Figure 25. AFE Configuration Register
7
6
543210
R
FFI
CDC
W
Reset:
0
0
000000
= Unimplemented
Table 12. AFE Configuration Register Field Descriptions
Field
Description
7:6
FFI
First Filter Iterations – The first filter iterations field selects the number of samples
taken as input to the first level of filtering.
00 Encoding 0 – Sets samples taken to 6
01 Encoding 1 – Sets samples taken to 10
10 Encoding 2 – Sets samples taken to 18
11 Encoding 3 – Sets samples taken to 34
5:0
CDC
Charge Discharge Current – The Charge Discharge Current field selects the
supply current to be used when charging and discharging an electrode.
000000 Encoding 0 – Disables Electrode Charging
000001 Encoding 1 – Sets the current to 1uA
~
111111 Encoding 63 – Sets the current to 63uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com