Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH24
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH24 Datasheet HTML 1Page - STMicroelectronics TSH24 Datasheet HTML 2Page - STMicroelectronics TSH24 Datasheet HTML 3Page - STMicroelectronics TSH24 Datasheet HTML 4Page - STMicroelectronics TSH24 Datasheet HTML 5Page - STMicroelectronics TSH24 Datasheet HTML 6Page - STMicroelectronics TSH24 Datasheet HTML 7Page - STMicroelectronics TSH24 Datasheet HTML 8Page - STMicroelectronics TSH24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s HIGH GAIN BANDWIDTH PRODUCT :
25MHz
s HIGH SLEW RATE : 15V/
µs
s SINGLE OR DUAL SUPPLY OPERATION :
3V TO 30V (±1.5V to ±15V)
s LOW VOLTAGE NOISE : 14nV/
√Hz
s NO PHASE INVERSION
s ESD TOLERANCE : 2kV
s LATCH-UP IMMUNITY
s SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
DESCRIPTION
TheTSH24 is a quad bipolar operational amplifier
offering a single supply operation from 3V to 30V
with very good performances : medium speed
(25MHz), unity gain stability and low noise.
The TSH24 is therefore an enhanced replacement
of standard dual operational amplifiers.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number Temperature Range
Package
ND
TSH24I
-40°C, +125°C
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V +
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
TSH24
HIGH PERFORMANCE
QUAD BIPOLAR OPERATIONAL AMPLIFIER
November 2001


Similar Part No. - TSH24

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSH2405S TRACOPOWER-TSH2405S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412D TRACOPOWER-TSH2412D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412S TRACOPOWER-TSH2412S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2415D TRACOPOWER-TSH2415D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
logo
Taiwan Semiconductor Co...
TSH248 TSC-TSH248 Datasheet
209Kb / 8P
Micropower Omni-Polar Hall Effect Switch
More results

Similar Description - TSH24

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
Quad high-performance operational amplifier
August 31, 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
High-Performance Quad Operational Amplifier
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com