Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH24
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH24 Datasheet HTML 1Page - STMicroelectronics TSH24 Datasheet HTML 2Page - STMicroelectronics TSH24 Datasheet HTML 3Page - STMicroelectronics TSH24 Datasheet HTML 4Page - STMicroelectronics TSH24 Datasheet HTML 5Page - STMicroelectronics TSH24 Datasheet HTML 6Page - STMicroelectronics TSH24 Datasheet HTML 7Page - STMicroelectronics TSH24 Datasheet HTML 8Page - STMicroelectronics TSH24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSH24
2/11
SCHEMATIC DIAGRAM (1/4 TSH24)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 to 36
V
Vid
Differential Input Voltage 1)
±36
V
Vi
Input Voltage (see note 1)
±18
V
Output Short-circuit Duration 2)
Infinite
Toper
Operating Free-Air Temperature Range
-40 to +125
°C
Tj
Maximum Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-65 to +150
°C
ptot
Maximum Power Dissipation (see note 2)
500
mW
1.
Either or both input voltages must not exceed the magnitude of VCC
+ or V
CC
-
2.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 30
V
Vid
0mV
Avd
RL = 2kΩ
100
dB
Icc
No load, each amplifier
2
mA
Vicm
-15.2 to 13.8
V
VOH
RL = 2kΩ
+13.9
V
VOL
RL = 2kΩ
-13.9
V
Isink
Vo = 0V
40
mA
Isource
Vo = 0V
40
mA
GBP
RL = 2kΩ, CL = 100pF
34
MHz
SR
RL = 2kΩ, CL = 100pF
10
V/
µs
∅m
RL = 2kΩ, CL = 100pF
36
Degrees
∅m
RL = 2kΩ, CL = 300pF
26
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com