Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH24
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH24 Datasheet HTML 1Page - STMicroelectronics TSH24 Datasheet HTML 2Page - STMicroelectronics TSH24 Datasheet HTML 3Page - STMicroelectronics TSH24 Datasheet HTML 4Page - STMicroelectronics TSH24 Datasheet HTML 5Page - STMicroelectronics TSH24 Datasheet HTML 6Page - STMicroelectronics TSH24 Datasheet HTML 7Page - STMicroelectronics TSH24 Datasheet HTML 8Page - STMicroelectronics TSH24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSH24
3/11
ELECTRICAL CHARACTERISTICS
VCC
+ = 15V, V
cc
- = -15V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Vic = 0V, Vo = 0V)
Vcc+ = +15V, Vcc- = -15V
Tmin ≤ Tamb ≤ Tmax
Vcc+ = +5V, Vcc- = 0V
2.5
3.5
2.5
mV
∆V
io
Input Offset Voltage Drift (Vic = 0V, Vo = 0V, T = -40, +85°C)
2
µV/°C
Iio
Input Offset Current (Vic = 0V, Vo = 0V)
365
nA
Iib
Input Bias Current (Vic = 0V, Vo = 0V)
100
650
nA
Vicm
Common Mode Input Voltage Range
Vcc- to
Vcc+-1.8
V
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = 0V to +10V
Tmin ≤ Tamb ≤ Tmax
32
20
100
V/mV
±Vopp
Output Voltage Swing (Vid = ±1V)
Vcc+ = +15V, Vcc- = -15V
RL = 2kΩ VOH
VOL
RL =10kΩ VOH
VOL
Vcc+=+5V, Vcc-=0V
RL = 2kΩ VOH
VOL
13.4
13.4
3.7
13.9
-13.9
14
-14.7
0.15
-13.5
-14.1
0.2
V
Io
Output Short Circuit Current
(Vid = ±1V, Vo = 0V)
Source
Sink
25
25
37
37
mA
CMR
Common Mode Rejection Ratio (Vic = -15V to +13.2V)
80
100
dB
SVR
Supply Voltage Rejection Ratio
Vcc+/Vcc- = +15V/-15V to +5V/-5V
90
105
dB
Icc
Supply Current (Vo = 0V, no load, each amplifier)
Vcc+ = +15V, Vcc- = -15V
Tmin ≤ Tamb ≤ Tmax
Vcc+=+5V, Vcc-=0V
2.15
2.75
3
2.75
mA
SR
Slew Rate
(Vi = -10V to +10V, CL = 100pF, RL = 2kΩ, AV = +1)
815
V/
µs
GBP
Gain Bandwith Product (f = 100kHz, RL = 2kΩ, CL = 100pF)
17
25
MHz
B
Unity Gain Bandwith (Open loop)
5
MHz
∅m
Phase Margin
RL = 2kΩ
RL = 2kΩ, CL = 100pF
50
40
Degrees
en
Equivalent Input Noise Voltage (Rs = 100Ω, f = 1kHz)
14
Vo1/Vo2
Channel Separation (f = 20Hz to 20kHz)
120
dB
THD
Total Harmonic Distortion
(Vcc = ±15V, f = 1kHz, AVCL = 20dB, RL = 600Ω, Vo = 3Vrms)
0.003
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com