Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH24
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH24 Datasheet HTML 1Page - STMicroelectronics TSH24 Datasheet HTML 2Page - STMicroelectronics TSH24 Datasheet HTML 3Page - STMicroelectronics TSH24 Datasheet HTML 4Page - STMicroelectronics TSH24 Datasheet HTML 5Page - STMicroelectronics TSH24 Datasheet HTML 6Page - STMicroelectronics TSH24 Datasheet HTML 7Page - STMicroelectronics TSH24 Datasheet HTML 8Page - STMicroelectronics TSH24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TSH24
5/11
APPLICATIONS INFORMATION
TSH24 IN COMPARATOR APPLICATION
The TSH24 is a quad high performances opera-
tional amplifier featuring speed of 30MHz and sin-
gle supply operation from 3V to 30V.
Most of operational amplifiers are not suited for
comparator use because of low transition speed,
output signal incompatible with standard logics
level and mainly, phase inversion.
The phase inversion occures when a strong differ-
ential signal is applied to the device inputs. The
output level is then inverted and shows a wrong
logic state. The TSH24 does not present this prob-
lematic behaviour.
Figure 1 : Basic comparator application
Figure 3 : Transition speed@ 50mV overdrive
Displayed curves below show the device re-
sponse in standard comparator configuration with-
out external components.
Transition speed : Typical transition speed under
a
single 5V supply voltage is about 2
µs from
50mV overdrive. VOH min. is 3.7V and VOL max. is
0.2V (2k
Ω load) making it compatible with stan-
dard logic families.
Figures 3 & 4 show output signal transition for a
50mV and 250mV input signal overdrive respec-
tively of 3
µs and 1µs.
Figure 2 : Operating conditions
Figure 4 : Transition speed@ 250mV overdrive
Vin+
Vref
+5V
Vout
2kW
TSH24



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com