Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23S08SC-2HT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23S08SC-2HT Datasheet HTML 1Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 4 of 10
Maximum Ratings
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage (Except Ref) .............. –0.5V to VDD + 0.5V
DC Input Voltage REF ........................................... –0.5 to 7V
Storage Temperature ................................. –65°C to +150°C
Max Soldering Temperature (10 sec.) ........................ 260°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Operating Conditions for CY23S08SC-XX Commercial Temperature Devices
Parameter[5]
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100 MHz
—
30
pF
Load Capacitance, from 100 MHz to 140 MHz
—
15
pF
CIN
Input Capacitance[6]
—7
pF
Electrical Characteristics for CY23S08SC-XX Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
—
0.8
V
VIH
Input HIGH Voltage
2.0
—
V
IIL
Input LOW Current
VIN = 0V
—
50.0
μA
IIH
Input HIGH Current
VIN = VDD
—
100.0
μA
VOL
Output LOW Voltage[7]
IOL = 8 mA (–1, –2, –3, –4)
IOL = 12 mA (-1H, -2H)
—0.4
V
VOH
Output HIGH Voltage[7]
IOH = –8 mA (–1, –2, –3, –4)
IOH = –12 mA (–1H, –2H)
2.4
—
V
IDD (PD mode)
Power down Supply Current REF = 0 MHz
—
12.0
μA
IDD
Supply Current
Unloaded outputs, 100-MHz REF,
Select inputs at VDD or GND
—
45.0
mA
—
70.0
(–1H, –2H)
mA
Unloaded outputs, 66-MHz REF
(–1,–2,–3,–4)
—
32.0
mA
Unloaded outputs, 33-MHz REF
(–1,–2,–3,–4)
—
18.0
mA
Switching Characteristics for CY23S08SC-XX Commercial Temperature Devices
Parameter[8]
Name
Test Conditions
Min
Typ.
Max
Unit
t1
Output Frequency
30-pF load, –1, –1H, –2, –3 devices
10
—
100
MHz
t1
Output Frequency
30-pF load, –4 devices
15
—
100
MHz
t1
Output Frequency
20-pF load, –1H device
10
—
133.3
MHz
t1
Output Frequency
15-pF load, –1, –2, –3, devices
10
—
140.0
MHz
t1
Output Frequency
15-pF load, –4 devices
15
—
140.0
MHz
Duty Cycle[7] = t2 ÷ t1
(–1,–2,–3,–4,–1H, -2H)
Measured at VDD/2, FOUT = 66.66 MHz
30-pF load
40.0
50.0
60.0
%
Duty Cycle[7] = t2 ÷ t1
(–1,–2,–3,–4,–1H, -2H)
Measured at VDD/2, FOUT <66.66 MHz
15-pF load
45.0
50.0
55.0
%
Notes
5. Multiple Supplies: The voltage on any input or IO pin cannot exceed the power pin during power up. Power supply sequencing is NOT required.
6. Applies to both Ref Clock and FBK.
7. Parameter is guaranteed by design and characterization. Not 100% tested in production.
8. All parameters are specified with loaded outputs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com