Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23S08SC-2HT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY23S08SC-2HT Datasheet HTML 1Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 3 of 10
Spread Aware
Many systems designed now use the Spread Spectrum Frequency Timing Generation (SSFTG) technology. Cypress is one of the
pioneers of SSFTG development, and designed this product so as not to filter off the Spread Spectrum feature of the Reference input,
assuming it exists. When a zero delay buffer does not pass through the SS feature, the result is a significant amount of tracking skew
which may cause problems in systems requiring synchronization.
For more details on Spread Spectrum timing technology, please see Cypress’s application note EMI Suppression Techniques with
Spread Spectrum Frequency Timing Generator (SSFTG) ICs.
Table 2. Select Input Decoding
S2
S1
CLOCK A1–A4
CLOCK B1–B4
Output Source
PLL Shutdown
0
0
Three-State
Three-State
PLL
Y
0
1
Driven
Three-State
PLL
N
1
0
Driven
Driven
Reference
Y
1
1
Driven
Driven
PLL
N
Table 3. Available CY23S08 Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
CY23S08–1
Bank A or Bank B
Reference
Reference
CY23S08–1H
Bank A or Bank B
Reference
Reference
CY23S08–2
Bank A
Reference
Reference/2
CY23S08–2H
Bank A
Reference
Reference/2
CY23S08–2
Bank B
2 X Reference
Reference
CY23S08–2H
Bank B
2 X Reference
Reference
CY23S08–3
Bank A
2 X Reference
Reference or Reference[1]
CY23S08–3
Bank B
4 X Reference
2 X Reference
CY23S08–4
Bank A or Bank B
2 X Reference
2 X Reference
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com