Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23S08SC-2HT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY23S08SC-2HT Datasheet HTML 1Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 2 of 10
Pinouts
Figure 1. 16-Pin SOIC Package
Table 1. Pin Definition - 16-Pin SOIC Package
Pin
Signal
Description
1REF[2]
Input reference frequency, 5V tolerant input
2
CLKA1[3]
Clock output, Bank A
3
CLKA2[3]
Clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[3]
Clock output, Bank B
7
CLKB2[3]
Clock output, Bank B
8S2[4]
Select input, bit 2
9S1[4]
Select input, bit 1
10
CLKB3[3]
Clock output, Bank B
11
CLKB4[3]
Clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[3]
Clock output, Bank A
15
CLKA4[3]
Clock output, Bank A
16
FBK
PLL feedback input
9
16
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Top View
SOIC
Notes
1. Output phase is indeterminant (0° or 180° from input clock). If phase integrity is required, use the CY23S08–2.
2. Weak pull down.
3. Weak pull down on all outputs.
4. Weak pull ups on these inputs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com