Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23S08SC-2HT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23S08SC-2HT
Description  3.3V Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SC-2HT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23S08SC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 9Page - Cypress Semiconductor CY23S08SC-2HT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 7 of 10
Test Circuits
Figure 7. Test Circuit 1
Figure 8. Test Circuit 2
0.1
μF
V
DD
0.1
μF
V
DD
CLK OUT
C
LOAD
OUTPUTS
GND
GND
Test Circuit for all parameters except t8
V
DD
0.1
μF
V
DD
CLK out
10 pF
OUTPUTS
GND
GND
1 K
Ω
1 K
Ω
0.1
μF
Test Circuit for t8, Output slew rate on –1H device
Test Circuit # 2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com