Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1014DMEP Datasheet(PDF) 6 Page - Texas Instruments

Part # LT1014DMEP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DMEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LT1014DMEP Datasheet HTML 2Page - Texas Instruments LT1014DMEP Datasheet HTML 3Page - Texas Instruments LT1014DMEP Datasheet HTML 4Page - Texas Instruments LT1014DMEP Datasheet HTML 5Page - Texas Instruments LT1014DMEP Datasheet HTML 6Page - Texas Instruments LT1014DMEP Datasheet HTML 7Page - Texas Instruments LT1014DMEP Datasheet HTML 8Page - Texas Instruments LT1014DMEP Datasheet HTML 9Page - Texas Instruments LT1014DMEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IIB - Input Bias Current - nA
COMMON-MODE INPUT VOLTAGE
vs
INPUT BIAS CURRENT
TA = 25°C
VCC± = ±15 V
(Left Scale)
VCC+ = 5 V
VCC- = 0
(Right Scale)
15
10
5
0
-5
-10
-15
0
-5
-10
-15
-20
-25
-30
5
3
4
2
1
0
-1
TA - Free-Air Temperature - °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VIC = 0
VCC = 5 V, VCC- = 0
VCC± = ±2.5 V
VCC± = ±15 V
-30
-25
-20
-15
-10
-5
0
-50
-25
0
25
50
75
100
125
RL - Load Resistance - Ω
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
VCC± = ±15 V
VO = ±10 V
TA = -55 °C
TA = 25°C
TA = 125°C
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
VCC+ = 5 V, VCC- = 0
VO = 20 mV to 3.5 V
TA = -55 °C
TA = 25°C
TA = 125°C
RL - Load Resistance - Ω
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
LT1014D-EP
SLOS609 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 6.
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): LT1014D-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com