Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1014DMEP Datasheet(PDF) 16 Page - Texas Instruments

Part # LT1014DMEP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DMEP Datasheet(HTML) 16 Page - Texas Instruments

Back Button LT1014DMEP Datasheet HTML 12Page - Texas Instruments LT1014DMEP Datasheet HTML 13Page - Texas Instruments LT1014DMEP Datasheet HTML 14Page - Texas Instruments LT1014DMEP Datasheet HTML 15Page - Texas Instruments LT1014DMEP Datasheet HTML 16Page - Texas Instruments LT1014DMEP Datasheet HTML 17Page - Texas Instruments LT1014DMEP Datasheet HTML 18Page - Texas Instruments LT1014DMEP Datasheet HTML 19Page - Texas Instruments LT1014DMEP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
To Input
Cable Shields
RG (2 kΩ Typ)
200 kΩ
10 kΩ
10 kΩ †
10 kΩ †
OUT
20 kΩ
20 kΩ
200 kΩ †
5 V
IN-
IN+
1 µF
‡
† 1% film resistor. Match 10-kΩ resistors 0.05%.
‡ For high source impedances, use 2N2222 as diodes (with collector connected to base).
NOTE A: AVD = (400,000/RG) + 1
LT1014
+
-
LT1014
-
+
LT1014
-
+
LT1014
-
+
5 V
‡
10 kΩ
10 kΩ †
5 V
10 kΩ †
2
3
6
5
‡
‡
1
7
10
9
13
12
14
8
4
11
LT1014D-EP
SLOS609 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 34. 5-V Powered Precision Instrumentation Amplifier
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): LT1014D-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com