Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1014DMEP Datasheet(PDF) 3 Page - Texas Instruments

Part # LT1014DMEP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DMEP Datasheet(HTML) 3 Page - Texas Instruments

  LT1014DMEP Datasheet HTML 1Page - Texas Instruments LT1014DMEP Datasheet HTML 2Page - Texas Instruments LT1014DMEP Datasheet HTML 3Page - Texas Instruments LT1014DMEP Datasheet HTML 4Page - Texas Instruments LT1014DMEP Datasheet HTML 5Page - Texas Instruments LT1014DMEP Datasheet HTML 6Page - Texas Instruments LT1014DMEP Datasheet HTML 7Page - Texas Instruments LT1014DMEP Datasheet HTML 8Page - Texas Instruments LT1014DMEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
LT1014D-EP
www.ti.com ........................................................................................................................................................................................... SLOS609 – DECEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
supply voltage(2)
–22
22
V
Differential input voltage(3)
–30
30
V
VI
Input voltage range (any input)(2)
VCC- – 5
VCC+
V
Duration of short-circuit current(4)
TA ≤ 25°C
Unlimited
Continuous total power dissipation
See Dissipation Ratings Table
TA
Operating temperature range
–55
125
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm, at distance 1/16 inch from case for 10s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC-.
(3)
Differential voltages are at the noninverting input with respect to the inverting input.
(4)
The output may be shorted to either supply.
DERATING
TA ≤ 25°c
TA = 70°C
TA = 105°C
TA = 125°C
PACKAGE
FACTOR
POWER RATING
POWER RATING
POWER RATING
POWER RATING
ABOVE TA = 25°C
DW
1025 mV
8.2 mW/°C
656 mW
369 mW
205 mW
over operating free-air temperature range, VCC+ = 5 V, VCC- = 0, VO = 1.4 V, VIC = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
90
450
RS = 50 Ω
VIO
Input offset voltage
Full range
400
1500
µV
RS = 50 Ω, VIC = 0.1 V
125°C
200
750
25°C
0.2
2
IIO
Input offset current
nA
Full range
10
25°C
-15
-50
IIB
Input bias current
nA
Full range
-120
25°C
0 to 3.5
-0.3 to 3.8
Common-mode input voltage
VICR
V
range
Full range
0.1 to 3
Output low, no load
25°C
15
25
25°C
5
10
Ouput low, RL = 600 Ω to GND
mV
Full range
18
Maximum peak output
VOM
Output low, ISINK = 1 mA
25°C
220
350
voltage swing
Output high, no load
25°C
4
4.4
Output high
25°C
3.4
4
V
RL = 600 Ω to GND
Full range
3.1
Large-signal differential
AVD
VO = 5 mV to 4 V, RL = 500 Ω
25°C
1
V/
µV
voltage amplification
25°C
0.3
0.5
ICC
Supply current per amplifier
mA
Full range
0.65
(1)
Full range is -55°C to 125°C.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LT1014D-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com