Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1014DMEP Datasheet(PDF) 13 Page - Texas Instruments

Part # LT1014DMEP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DMEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LT1014DMEP Datasheet HTML 9Page - Texas Instruments LT1014DMEP Datasheet HTML 10Page - Texas Instruments LT1014DMEP Datasheet HTML 11Page - Texas Instruments LT1014DMEP Datasheet HTML 12Page - Texas Instruments LT1014DMEP Datasheet HTML 13Page - Texas Instruments LT1014DMEP Datasheet HTML 14Page - Texas Instruments LT1014DMEP Datasheet HTML 15Page - Texas Instruments LT1014DMEP Datasheet HTML 16Page - Texas Instruments LT1014DMEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
10
Ω
100 k
Ω
0.1
µF
2 k
Ω
4.7
µF
AVD = 50,000
24.3 k
Ω
100 k
Ω
0.1
µF
4.3 k
Ω
2.2
µF
110 k
Ω
22
µF
Oscilloscope
Rin = 1 MΩ
NOTE A: All capacitor values are for nonpolarized capacitors only.
LT1014
+
−
LT1001
+
−
10 k
Ω
10 M
Ω†
100
Ω
Vn
In
+
V
no2 *
(820 nV)
2
1 2
40 MW
100
† Metal-film resistor
10 M
Ω†
10 M
ن 10 Mن
LT1014
+
−
15 V
−15 V
VO = 1000 VIO
100
Ω
(see Note A)
50
Ω
(see Note A)
LT1014
+
−
50
Ω
(see Note A)
NOTE A: Resistors must have low thermoelectric potential.
LT1014D-EP
www.ti.com ........................................................................................................................................................................................... SLOS609 – DECEMBER 2008
Figure 28. 0.1-Hz to 10-Hz Peak-to-Peak Noise Test Circuit
Figure 29. Noise-Current Test Circuit and Formula
Figure 30. Test Circuit for VIO and αVIO
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): LT1014D-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com