Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA653IDBVT Datasheet HTML 2Page - Texas Instruments OPA653IDBVT Datasheet HTML 3Page - Texas Instruments OPA653IDBVT Datasheet HTML 4Page - Texas Instruments OPA653IDBVT Datasheet HTML 5Page - Texas Instruments OPA653IDBVT Datasheet HTML 6Page - Texas Instruments OPA653IDBVT Datasheet HTML 7Page - Texas Instruments OPA653IDBVT Datasheet HTML 8Page - Texas Instruments OPA653IDBVT Datasheet HTML 9Page - Texas Instruments OPA653IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
-40
50
60
70
80
90
100
-
-
-
-
-
-
1M
10M
100M
Frequency(Hz)
V = 6V
R =100
V =2V
S
L
O
PP
W
Gain=+2V/V
±
Third
Harmonic
SecondHarmonic
-40
50
60
70
80
90
100
-
-
-
-
-
-
1M
10M
100M
Frequency(Hz)
V = 6V
R =100
V =2V
S
L
O
PP
W
Gain= 1V/V
-
±
Third
Harmonic
SecondHarmonic
-
-
-
-
-
-
-
-
-
-
50
55
60
65
70
75
80
85
90
95
100
-
100
200
300
400
500
600
700
800
900
1k
Load( )
W
V = 6V
f=10MHz
V =2V
S
O
PP
Gain=+2V/V
±
ThirdHarmonic
SecondHarmonic
-
-
-
-
-
-
-
-
-
-
50
55
60
65
70
75
80
85
90
95
100
-
V = 6V
f=10MHz
S
Gain=+2V/V
±
R =100
L
W
1
2
3
4
5
6
V
(V
)
OUT
PP
SecondHarmonic
ThirdHarmonic
-
-
-
-
-
-
40
50
60
70
80
90
100
-
0
50M
100M
150M
Frequency(Hz)
V = 6V
S
PP
R =100
V
=2-V
Envelope
Gain=+2V/V
L
OUT
W
±
SecondIntermodulation
ThirdIntermodulation
-
-
-
-
-
-
70
75
80
85
90
95
100
-
4.0
5.0
6.0
SecondHarmonic
ThirdHarmonic
±SupplyVoltage(V)
f=10MHz
V
=
V
OUT
PP
R =100
Gain=+2V/V
L
W
2
4.5
5.5
OPA653
SBOS348 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6 V (continued)
At G = +2 V/V, RL = 100 Ω, and TA = +25°C, unless otherwise noted.
NONINVERTING HARMONIC DISTORTION
INVERTING HARMONIC DISTORTION
vs FREQUENCY
vs FREQUENCY
Figure 7.
Figure 8.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs LOAD
vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION
TWO-TONE INTERMODULATION DISTORTION
vs ±VSUPPLY VOLTAGE
vs FREQUENCY
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com