Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA653IDBVT Datasheet HTML 7Page - Texas Instruments OPA653IDBVT Datasheet HTML 8Page - Texas Instruments OPA653IDBVT Datasheet HTML 9Page - Texas Instruments OPA653IDBVT Datasheet HTML 10Page - Texas Instruments OPA653IDBVT Datasheet HTML 11Page - Texas Instruments OPA653IDBVT Datasheet HTML 12Page - Texas Instruments OPA653IDBVT Datasheet HTML 13Page - Texas Instruments OPA653IDBVT Datasheet HTML 14Page - Texas Instruments OPA653IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Board Layout
Distortion Performance
Pulse and Transient Response
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
The Typical Characteristics show the recommended
RISO versus Capacitive Load performance (see
Achieving
optimum
performance
with
a
Figure 17) and the resulting frequency response with
high-frequency
amplifier
such
as
the
OPA653
a 1-k
Ω load. Note that larger RISO values are required
requires careful attention to PCB layout parasitics and
for lower capacitive loading. In this case, a design
external component types. Recommendations that
target of a maximally-flat frequency response was
can
optimize
device
performance
include
the
used. Lower values of RISO may be used if some
following.
peaking
can
be
tolerated.
Long
PCB
traces,
unmatched cables, and connections to multiple
a) Minimize parasitic capacitance to any ac ground
devices can easily degrade the performance of the
for all of the signal input/output (I/O) pins. Parasitic
OPA653. Always consider this effect carefully, and
capacitance on the output and inverting input pins
add the recommended series resistor as close as
can cause instability: on the noninverting input, it can
possible to the OPA653 output pin (see the Board
react
with
the
source
impedance
to
cause
Layout section). With heavier loads (for example, the
unintentional
band-limiting.
To
reduce
unwanted
100-
Ω load presented in the test circuits used for
capacitance, a window around the signal I/O pins
testing the Typical Characteristics), the OPA653 is
should be opened in all of the ground and power
very robust; RISO can be as low as 10 Ω with
planes around those pins. Otherwise, ground and
capacitive loads less than 5 pF and continue to show
power planes should be unbroken elsewhere on the
a flat frequency response.
board.
b) Minimize the distance (less than 0.25 in, or 6,35
mm)
from
the
power-supply
pins
to
the
The OPA653 is capable of delivering low distortion at
high-frequency, 0.1-
µF decoupling capacitors. At the
high frequencies. The distortion plots in the Typical
device pins, the ground and power plane layout
Characteristics show the typical distortion under a
should not be in close proximity to the signal I/O pins.
wide variety of conditions. Generally,
the
best
Use a single point ground, located away from the
distortion performance can be achieved using higher
input pins, for the positive and negative supply
power-supply voltage (±6 V is recommended), lower
high-frequency, 0.1-
µF decoupling capacitors. Avoid
output voltage swings, and lower loads.
narrow
power
and
ground
traces
to
minimize
inductance between the pins and the decoupling
The total load includes the feedback network—in the
capacitors. The power-supply connections should
noninverting configuration, this value is the sum of
always be decoupled with these capacitors. Larger
RF + RG = 320 Ω, while in the inverting configuration
(2.2-
µF to 10-µF) decoupling capacitors, effective at
the total load is only RF = 160 Ω (see Figure 22).
lower frequencies, should also be used on the supply
pins.
These
larger
capacitors
may
be
placed
Power-supply decoupling is critical for harmonic
somewhat farther from the device and may be shared
distortion performance. In particular, for optimal
among several devices in the same area of the PCB.
second-harmonic performance, the high-frequency,
0.1-
µF, power-supply decoupling capacitors should
c) Careful selection and placement of external
be as close as posible to the positive and negative
components
preserves
the
high-frequency
supply pins and should be brought to a single point
performance of the OPA653. Resistors should be a
ground away from the input pins.
very low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Metal film
and carbon composition, axially-leaded resistors can
also
provide
good
high-frequency
performance.
To achieve optimum pulse and transient response,
Again, keep the leads and PCB trace length as short
the OPA653 should be used in a noise gain of +2 V/V
as possible. Never use wirewound-type resistors in a
configuration, with minimal capacitance at the output,
high-frequency application. The inverting input pin is
and high-frequency, 0.1-
µF, power-supply decoupling
the
most
sensitive
to
parasitic
capacitance;
capacitors as close the power pins as possible.
consequently, always position the feedback resistor
Note: Noise gain of +2 V/V is achieved by tying VIN–
as close to the negative input as possible. The output
to a 0-
Ω point. In noninverting gain of +2 V/V
is also sensitive to parasitic capacitance; therefore,
applications,
VIN– should be grounded, and in
position a series output resistor (in this case, RISO) as
inverting gain of –1 V/V applications, VIN– should be
close to the output pin as possible.
driven from a near-0-
Ω source such as an op amp.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com