Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA653IDBVT Datasheet HTML 10Page - Texas Instruments OPA653IDBVT Datasheet HTML 11Page - Texas Instruments OPA653IDBVT Datasheet HTML 12Page - Texas Instruments OPA653IDBVT Datasheet HTML 13Page - Texas Instruments OPA653IDBVT Datasheet HTML 14Page - Texas Instruments OPA653IDBVT Datasheet HTML 15Page - Texas Instruments OPA653IDBVT Datasheet HTML 16Page - Texas Instruments OPA653IDBVT Datasheet HTML 17Page - Texas Instruments OPA653IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Bill of Materials
OPA653
SBOS348 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
Table 1 lists the bill of materials for the OPA653EVM as supplied from TI.
Table 1. OPA653EVM Parts List
REFERENCE
MANUFACTURER
ITEM
DESCRIPTION
SMD SIZE
DESIGNATOR
QUANTITY
PART NUMBER
1
Cap, 10.0
µF, Tantalum, 10%, 35 V
D
C1, C2
2
(AVX) TAJ106K035R
2
Cap, 0.1
µF, Ceramic, X7R, 16 V
0603
C3, C4
2
(AVX) 0603YC104KAT2A
3
Resistor, 0
Ω
0603
R1, R2
2
(ROHM) MCR03EZPJ000
4
Open
0603
R4
1
5
Resistor, 49.9
Ω, 1/10W, 1%
0603
R3, R5
2
(ROHM) MCR03EZPFX49R9
6
Jack, Banana Receptance, 0.25-in
J4, J5, J8
3
(SPC) 813
dia. hole
7
Connector, Edge, SMA PCB jack
J1, J2, J3
3
(JOHNSON) 142-0701-801
8
Test Point, Black
TP1
1
(KEYSTONE) 5001
9
IC, OPA653
U1
1
(TI) OPA653DRB
10
Standoff, 4-40 Hex, 0.625-in length
4
(KEYSTONE) 1808
11
Screw, Phillips, 4-40, .250 in
4
SHR-0440-016-SN
12
Board, Printed Circuit
1
(TI) EDGE# 6506174
13
Bead, Ferrite, 3 A, 80
Ω
1206
FB1, FB2
2
(STEWARD) HI1206N800R-00
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com