Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA653IDBVT Datasheet HTML 1Page - Texas Instruments OPA653IDBVT Datasheet HTML 2Page - Texas Instruments OPA653IDBVT Datasheet HTML 3Page - Texas Instruments OPA653IDBVT Datasheet HTML 4Page - Texas Instruments OPA653IDBVT Datasheet HTML 5Page - Texas Instruments OPA653IDBVT Datasheet HTML 6Page - Texas Instruments OPA653IDBVT Datasheet HTML 7Page - Texas Instruments OPA653IDBVT Datasheet HTML 8Page - Texas Instruments OPA653IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
NC
V
S+
V
OUT
NC
NC
V
IN-
V
IN+
V
S
-
1
2
3
5
4
V
S+
V
OUT
-
V
S
V
IN+
V
IN
-
OPA653
SBOS348 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA653IDBVT
Tape and Reel, 250
OPA653
SOT23-5
DBV
–40°C to +85°C
BZW
OPA653IDBVR
Tape and Reel, 3000
OPA653IDRBT
Tape and Reel, 250
OPA653
VSON-8
DRB
–40°C to +85°C
OBEI
OPA653IDRBR
Tape and Reel, 3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
OPA653
UNIT
Power Supply Voltage VS+ to VS–
±6.5
V
Input Voltage
±VS
V
Input Current
100
mA
Output Current
100
mA
Continuous Power Dissipation
See Thermal Characteristics
Operating Free Air Temperature Range, TA
–40 to +85
°C
Storage Temperature Range
–65 to +150
°C
Lead Temperature (soldering, 10s)
+260
°C
Maximum Junction Temperature, TJ
+150
°C
Maximum Junction Temperature, TJ (continuous operation for long term reliability)
+125
°C
Human Body Model (HBM)
4000
V
ESD
Charge Device Model (CDM)
1000
V
Rating:
Machine Model
200
V
DRB PACKAGE
DRV PACKAGE
VSON-8
SOT23-5
(TOP VIEW)
(TOP VIEW)
Note:
NC: No connection.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com